Part Number Hot Search : 
FS1000 ATTIN HCF4010 HCF4010 LFZ28V02 BPW36 20N60F 1N5408G
Product Description
Full Text Search
 

To Download P1803ACMCLXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Balanced MC Series - Modified TO-220
Description Balanced MC Series Modified TO-220 are low capacitance SIDACtor(R) devices designed to protect broadband equipment from damaging overvoltage transients. The patented "Y" configuration also ensures balanced overvoltage protection. The series provides a single port solution that enables equipment to comply with various global requlatory standards while limiting the impact to broadband signals.
Balance MC TO-220 Series
Features and Benefits Agency Approvals
Agency Agency File Number E133083
Low voltage overshoot Low on-state voltage Does not degrade with use Fails short circuit when surged in excess of ratings Balanced overvoltage protection
40% lower capacitance than our Baseband Protectors, for applications that demand greater signal integrity Robust Modified TO-220 Package Custom lead forms available
Pinout Designation
PIN 1 PIN 2
PIN 3
Applicable Global Standards TIA-968-A IEC 61000-4-5 YD/T 1082 YD/T 993 YD/T 950
Schematic Symbol
1
(T)
ITU K.20/21 Enhanced Level
3
(R)
ITU K.20/21 Basic GR 1089 Inter-building GR 1089 Intra-building
2
(G)
Electrical Characteristics
VDRM @lDRM=5A V min P1553ACMCLxx P1803ACMCLXX P2103ACMCLxx P2353ACMCLxx P2703ACMCLxx P3203ACMCLxx P3403ACMCLxx P5103ACMCLxx P1553ACMC P1803ACMC P2103ACMC P2353ACMC P2703ACMC P3203ACMC P3403ACMC P5103ACMC 130 150 170 200 230 270 300 420 VS @100V/s V max 180 210 250 270 300 350 400 600 IH mA max Pins 1-2, 3-2, 1-3 150 150 150 150 150 150 150 150 IS mA max 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT @IT=2.2 Amps V min 8 8 8 8 8 8 8 8
Part Number
Marking
Capacitance
Pins 1-2, 3-2, 1-3
See Capacitance Values Table
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional (unless otherwise noted). - XX Part Number Suffix: `RP' (Reel Pack), Blank (Bulk Pack), or `60' (Type 60 lead form, Bulk Pack. Special order item -- contact factory.) 85 (c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Capacitance Values
pF Pin 1-2 / 3-2 Tip-Ground, Ring-Ground MIN MAX 30 55 30 60 30 45 25 45 25 40 25 40 20 35 20 30 pF Pin 1-3 Tip-Ring MIN MAX 20 35 15 30 15 30 15 30 15 30 15 30 15 25 10 20
Part Number P1553ACMCLxx P1803ACMCLXX P2103ACMCLxx P2353ACMCLxx P2703ACMCLxx P3203ACMCLxx P3403ACMCLxx P5103ACMCLxx
Balance MC TO-220 Series
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Surge Ratings
IPP Series 0.2x310 0.5x700 2 A min C
Notes: 1 Current waveform in s 2 Voltage waveform in s - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP ratings applicable over temperature range of -40C to +85C - The device must initially be in thermal equilibrium with -40C < TJ < +150C
1
2x10 2x10 2 A min 500
1
8x20 1.2x50 2 A min 400
1
10x160 10x160 2 A min 200
1
10x560 1 10x560 2 A min 150
5x320 1 9x720 2 A min 200
10x360 1 10x360 2 A min 175
10x1000 1 10x1000 2 A min 100
5x310 1 10x700 2 A min 200
ITSM 50/60 Hz A min 30
di/dt
A/s max 500
50
Thermal Considerations
Package Modified TO-220 Symbol TJ TS
PIN 1 PIN 2 PIN 3
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 50
Unit C C C/W
R0JA
V-I Characteristics
+I
tr x td Pulse Waveform
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
tr = rise time to peak value td = decay time to half value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
86
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Normalized VS Change vs. Junction Temperature
14 12 10
Normalized DC Holding Current vs. Case Temperature
2.0
Percent of VS Change - %
IH (TC = 25C)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
6 4 2 0 -4 -6 -8 -40 -20 0
IH
8
25 C
25C
Balance MC TO-220 Series
20 40 60 80 100 120 140 160
Junction Temperature (TJ) - C
Ratio of
Case Temperature (TC) - C
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min)) - Temperature Max (Ts(max)) - Time (Min to Max) (ts)
Pre Heat
Pb-Free assembly (see Fig. 1) +150C +200C 60-180 secs.
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
3C/sec. Max. +217C 60-150 secs. +260(+0/-5)C 30 secs. Max. 6C/sec. Max. 8 min. Max. +260C
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak)
3C/sec. Max.
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
25 time to peak temperature (t 25C to peak)
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed
Time
Physical Specifications
Environmental Specifications
80% Rated VDRM (VAC Peak ) +125C or +150C, 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 -65C to +150C, 15 min. dwell, 10 up to 100 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC (+85C) 85%RH, 504 up to 1008 hrs. EIA/ JEDEC, JESD22-A-101 +150C 1008 hrs. MIL-STD-750 (Method 1031) JEDEC, JESD22-A-101 -65C, 1008 hrs. 0C to +100C, 5 min. dwell, 10 sec. transfer, 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 +121C, 100%RH, 2atm, 24 up to 168 hrs. EIA/ JEDEC, JESD22-A-102 +260C, 30 secs. MIL-STD-750 (Method 2031) 85%RH, +85C, 168 hrs., 3 reflow cycles (+260C Peak). JEDEC-J-STD-020, Level 1
Lead Material Terminal Finish Body Material
Copper Alloy 100% Matte-Tin Plated
High Temp Voltage Blocking
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
87
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Part Numbering
P xxx 3 A C MC L xx
TYPE P = SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE PACKING OPTIONS
Blank, RP or 60 -for Type 60 orders, contact factory
Part Marking
XXXXXXXXX
Part Marking Code
(Refer to Electrical Characteristics Table)
xxxxx
Date Code
RoHS COMPLIANT
MC Series
IPP RATING
Balance MC TO-220 Series
Dimensions - Modified TO-220
A O
Tape and Reel Specification -- Modified TO-220
Inches Min Max
0.410 0.375 0.130 0.575 0.035 0.205 0.105 0.075 0.085 0.024 0.188 0.310
Millimeters Min
9.14 2.80 0.63 4.95 2.41 1.52 1.78 0.46 4.52 7 .37
Max
1.626 (41.15)
0.240 (6.10)
0.019 (0.5) 0.750 0.010 (19.05 0.25) 0.360 (9.14)
0.500 (12.7)
D
A
F Temperature Measurement Point P PIN 3 PIN 2 PIN 1 L K H J M N
0.400 0.360 0.110 0.540 0.025 0.195 0.095 0.060 0.070 0.018 0.178 0.290
10.16 10.42 9.53 3.30 0.89 5.21 2.67 1.90 2.16 0.61 4.78 7 .87
D F G H J K L M
0.720 (18.29)
G
13.71 14.61
0.100 (2.54)
0.100 (2.54)
14.173 (360.0) Dimensions are in inches (and millimeters).
Direction of Feed
The modified TO-220 package is designed to meet mechanical standards as set forth in JEDEC publication number 95.
N O P
1.968 (50.0)
Packing Options
Package Type Description Modified TO-220 Tape and Reel Pack A Modified TO-220 Bulk Pack Modified TO-220, Type 60 Lead Form Bulk Pack Quantity 700 500 500 Added Suffix RP N/A 60 (special order item, contact factory for details)
Industry Standard
EIA-468-B N/A N/A
88
(c) 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.


▲Up To Search▲   

 
Price & Availability of P1803ACMCLXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X